Part Number Hot Search : 
A3122LU SS018M12 GU4407 SMC5365B C4000 2SK1596 WD76C31 15005
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4403
General Purpose Transistors PNP Silicon
2 BASE 1 EMITTER
COLLECTOR 3
TO-92
1. EMITTER 2. BASE 3. COLLECTOR
1
2
3
ABSOLUTE MAXIMUM RATINGS (Ta=25 C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Device Dissipation TA=25 C Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PD Tj Tstg 2N4403 -40 -40 -5.0 -600 -625 150 -55 to +150 Unit Vdc Vdc Vdc mAdc mW C C
DEVICE MARKING 2N4403=2N4403
ELECTRICAL CHARACTERISTICS
Characteristics Collector-Emitter Breakdown Voltage (1) (IC= -1.0 mAdc, IB=0) Collector-Base Breakdown Voltage (IC= -0.1 mAdc, IE=0) Emitter-Base Breakdown Voltage (IE= -0.1 mAdc, IC=0) Base Cutoff Current (VCB= -35 Vdc, IE=0) Collect Cutoff Current(VCE = -35 Vdc, I B =0) 1. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0% Symbol V(BR)CEO V(BR)CBO V(BR)EBO ICBO I CEO Min -40 -40 -5.0 Max -0.1 -0.1 Unit Vdc Vdc Vdc uAdc uAdc
WEITRON
http://www.weitron.com.tw
2N4403
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC= -0.1 mAdc, VCE=-1.0 Vdc) (IC= -1.0 mAdc, VCE=-1.0 Vdc) (IC= -10 mAdc, VCE=-1.0 Vdc) (IC= -150 mAdc, VCE=-2.0 Vdc) (1) (IC= -500 mAdc, VCE=-2.0 Vdc) (1) Collector-Emitter Saturation Voltage (1) (IC= -150 mAdc, IB= -15 mAdc) (IC=- 500 mAdc, IB= -50 mAdc) Base-Emitter Saturation Voltage (1) (IC= -150 mAdc, IB= -15 mAdc) (IC= -500 mAdc, IB=- 50 mAdc) hFE 30 60 100 100 20 -0.75 300 -0.4 -0.75 -0.95 -1.3 -
VCE(sat)
Vdc
VBE(sat)
Vdc
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (IC= -20 mAdc, VCE=-10 Vdc, f=100 MHz) Collector-Base Capacitance (IE= 0, VCB=-10 Vdc, f=1.0MHz) Emitter-Base Capacitance (IC= 0, VEB=-0.5 Vdc, f=1.0MHz) Input Impedance (IC= -1.0mAdc, VCE=-10 Vdc, f=1.0kHz) Voltage Feedback Ratio (IC= -1.0mAdc, VCE=-10 Vdc, f=1.0kHz) Small-Signal Current Gain (IC= -1.0mAdc, VCE=-10 Vdc, f=1.0kHz) Output Admittance (IC= -1.0mAdc, VCE=-10 Vdc, f=1.0kHz) fT Ccb Ceb hie hre hfe hoe 200 1.5k 0.1 60 1.0 8.5 30 15k 8.0 500 100 MHz pF pF ohms
I I 10 -4
umhos
SWITCHING CHARACTERISTICS
Delay Time Rise Time Storage Time Fall Time (VCC= -30 Vdc, VBE= +2.0 Adc, IC= -150 mAdc,IB1=-15mAdc) (VCC= -30 Vdc, IC= -150 mAdc, IB1= -15 mAdc,I B2=-15mAdc) td tr ts tf 15 20 225 30 ns
1. Pulse Test : Pulse Width < 300s, Duty Cycle < 2% -
WEITRON
http://www.weitron.com.tw
2N4403
SWITCHING TIME EQUIVALENT TEST CIRCUIT
- 30 V < 2 ns +2 V 0 - 16 V 1.0 k 10 to 100 s, DUTY CYCLE = 2% CS * < 10 pF 200 +14 V 0 -16 V < 20 ns - 30 V 200
1.0 k 1.0 to 100 s, DUTY CYCLE = 2%
CS * < 10 pF
+ 4.0 V S cope rise time < 4.0 ns *Total shunt capacitance of test jig connectors, and oscilloscope
FIG 1. Turn-On Time
FIG 2. Turn-Off Time
30 20 CAPACITANCE (pF) Ceb Q, CHARGE (nC)
10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2
VCC = 30 V IC/IB = 10
10 7.0 5.0 Ccb
QT QA
2.0 0.1
0.2 0.3
0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 REVERSE VOLTAGE (VOLTS)
20 30
0.1
10
20
30 50 70 100 200 IC , COLLECTOR CURRENT (mA)
300
500
FIG 3. Capacitances
FIG 4. Charge Data
100 70 50 30 20 tr , RISE TIME (ns) t, TIME (ns) tr @ V CC = 30 V tr @ V CC = 10 V td @ V BE(off) = 2 V td @ V BE(off) = 0 IC/IB = 10
100 70 50 30 20 VCC = 30 V IC/IB = 10
10 7.0 5.0 10 20 30 50 70 100 200 300 500
10 7.0 5.0 10 20 30 50 70 100 200 300 500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
FIG5. Turn-On Time
FIG 6. Rise Time
WEITRON
http://www.weitron.com.tw
2N4403
200 IC/IB = 10 ts4 , STORAGE TIME (ns) 8 100 70 50 IB1 = IB2 ts4= ts - 1/8 tf 30 20 IC/IB = 20 NF, NOISE FIGURE (dB) IC = 1.0 mA, RS= 430 IC = 500A, RS = 560 IC = 50 A, RS = 2.7 k IC = 100A, RS = 1.6 k 10
6 4 2
R S = OPTIMUM SOURCE RESISTANCE
10
20
30
50
70 100
200
300
500
IC , COLLECTOR CURRENT (mA)
0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 f , FREQUENCY (kHz)
10 20
50 100
FIG. 7 Storage Time
10 f = 1 kHz 8 NF, NOISE FIGURE (dB) hfe , CURRENT GAIN 6 1000 700 500 IC = 50 A 100 A 500 A 1.0 mA 300 200
FIG. 8 Frequency Effects
4
100 70 50
2N4403 UNIT 1 2N4403 UNIT 2
2 0 50
100 200
500 1 k 2 k 5 k 10 k 20 k R S , SOURCE RESIST ANCE (OHMS)
50 k
30 0.1
0.2
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0 10
FIG. 9 Source Resistance Effects
20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.1 0.2
IC , COLLECTOR CURRENT (mAdc)
FIG.10 Current Gain
hre , VOLTAGE FEEDBACK RATIO (X 10 -4 )
100 k h ie , INPUT IMPEDANCE (OHMS) 50 k 20 k 10 k 5k 2k 1k 500 200 100 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 2N4403 UNIT 1 2N4403 UNIT 2
2N4403 UNIT 1 2N4403 UNIT 2
0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
IC , COLLECTOR CURRENT (mAdc)
IC , COLLECTOR CURRENT (mAdc)
FIG. 11 Input Impedance
FIG. 12 Voltage Feedback Ratio
WEITRON
http://www.weitron.com.tw
2N4403
500 hoe , OUTPUT ADMITTANCE ( mhos)
100 50 20 10 5.0 2.0 1.0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 2N4403 UNIT 1 2N4403 UNIT 2
IC, COLLECTOR CURRENT (mAdc)
FIG. 13 Output Admittance
3.0 hFE , NORMALIZED CURRENT GAIN 2.0 VCE = 1.0 V VCE = 10 V TJ = 125 C 25 C 1.0 0.7 0.5 0.3 0.2 0.1 - 55 C
0.2
0.3
0.5 0.7
1.0
2.0
3.0 5.0 7.0 10 20 IC , COLLECTOR CURRENT (mA)
30
50
70
100
200
300
500
FIG. 14 DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 0.8
0.6
IC = 1.0 mA
10 mA
100 mA
500 mA
0.4
0.2
0 0.005
0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3 0.5 0.7 1.0 IB, BASE CURRENT (mA)
2.0
3.0
5.0 7.0
10
20
30
50
FIG. 15 Collector Saturation Region
WEITRON
http://www.weitron.com.tw
2N4403
1.0 0.8 VOLTAGE (VOLTS) TJ = 25 C VBE(sat) @ I C/IB = 10 COEFFICIENT (mV/ C) VBE(sat) @ V CE = 10 V 0.5 0 0.5 1.0 1.5 2.0 VCE(sat) @ IC /IB = 10 0 0.1 0.2 50 100 200 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) 500 2.5 0.1 0.2 VS for VBE 50 100 200 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) 500
VC for VCE(sat)
0.6
0.4
0.2
FIG. 16 "On" Voltages
FIG. 17 Temperature Coefficients
WEITRON
http://www.weitron.com.tw
2N4403
TO-92 Outline Dimensions
E
unit:mm
TO-92
H
C
J K
G
Dim A B C D E G H J K L
Min Max 3.70 3.30 1.40 1.10 0.55 0.38 0.51 0.36 4.70 4.40 3.43 4.70 4.30 1.270TYP 2.44 2.64 14.10 14.50
B
L
WEITRON
http://www.weitron.com.tw
D
A


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X